PART |
Description |
Maker |
BAS70-04LT1G BAS70-04LT1 BAS70-04L |
Dual Series Schottky Barrier Diode(70V双肖特基势垒二极 0.07 A, 70 V, 2 ELEMENT, SILICON, SIGNAL DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
376 |
DIODE SCHOTTKY DUAL-DUAL SERIES 30V 200mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-363 3K/REEL
|
Intel Corp.
|
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|
16SYQ060C |
16A 60V Hi-Rel Schottky Discrete Diode in a TO-257AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
|
IRF[International Rectifier]
|
16SYQ030C |
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 16A 30V Hi-Rel Schottky Discrete Diode in a TO-257AA package
|
International Rectifier
|
CMLSH05-4DO |
SURFACE MOUNT PICOmini-TM DUAL ISOLATED, LOW V-f OPPOSING SILICON SCHOTTKY DIODES SMD Schottky Diode Dual: Opposing Polarity
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
35GQ150 |
35V 150A Hi-Rel Schottky Discrete Diode in a TO-254AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 35 Amp,150V
|
IRF[International Rectifier]
|
75SLQ060 |
75V 60A Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 Amp, 60V
|
International Rectifier
|
35CGQ150 |
35V 150A Hi-Rel Schottky Common Cathode Diode in a TO-254AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 35 Amp,150V
|
IRF[International Rectifier]
|